Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download 1N5226B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5226B - 1N5257B Series
1N5226B - 1N5257B Series Half Watt Zeners
Absolute Maximum Ratings*
Parameter
Storage Temperature Range Maximum Junction Operating Temperature Lead Temperature (1/16" from case for 10 seconds) Total Device Dissipation Derate above 75C Surge Power**
TA = 25C unless otherwise noted
Tolerance: B = 5%
Value
-65 to +200 + 200 + 230 500 4.0 10
Units
C C C mW mW/C W
*These ratings are limiting values above which the serviceability of the diode may be impaired. **Non-recurrent square wave PW= 8.3 ms, TA= 55 degrees C.
NOTES: 1) These ratings are based on a maximum junction temperature of 200 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
DO-35
Electrical Characteristics
Device
1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B
TA = 25C unless otherwise noted
VZ
(V) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12
ZZ
() 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30
@
IZT
(mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
ZZK
() 1,600 1,700 1,900 2,000 1,900 1,600 1,600 1,600 1,000 750 500 500 600 600 600 600 600
@
IZK
(mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
VR
(V) 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1
@
IR
(A) 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0
TC
(%/C) - 0.07 - 0.065 - 0.06 +/- 0.055 +/- 0.03 +/- 0.3 0.038 0.038 0.045 0.05 0.058 0.062 0.065 0.068 0.075 0.076 0.077
VF
Foward Voltage = 1.1 V Maximum @ IF = 200 mA for all 1N5200 series
NOTE: National preferred devices in BOLD
(c)1997 Fairchild Semiconductor Corporation
1N5200B Rev. A
1N5226B - 1N5257B Series
Series Zener
(continued)
Electrical Characteristics
Device
1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B
(continued)
TA = 25C unless otherwise noted
VZ
(V) 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33
ZZ
() 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58
@
IZT
(mA) 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8
ZZK
() 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700
@
IZK
(mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
VR
(V) 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25
@
IR
(nA) 500 100 100 100 100 100 100 100 100 100 100 100 100 100 100
TC
(%/C) 0.079 0.082 0.082 0.083 0.084 0.085 0.086 0.086 0.087 0.088 0.089 0.090 0.091 0.091 0.092
VF
Foward Voltage = 1.1 V Maximum @ IF = 200 mA for all 1N5200 series
NOTE: National preferred devices in BOLD
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of 1N5226B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X